Part Number Hot Search : 
GB8B60K SM1616 SUPE15 TA250M S3691N 67078 90814 HV3922C
Product Description
Full Text Search
 

To Download MEA2010LC220T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (1/1)
3-terminal Filters(SMD Array) For Cellular Phone
MEA Series MEA2010LC Type
FEATURES * This array type MEA2010L consists of 4-line SMD filters in one chip. * This type is suitable for the celluar phone. * This type corresponds to a lead-free soldering method. APPLICATIONS Signal line noise elimination for cellular phones, digital still camera, etc. TEMPERATURE RANGES
Operating -40 to +85C
Conformity to RoHS Directive
PRODUCT IDENTIFICATION MEA (1) 2010 (2) L C220 T (3) (4) (5) (4)Capacitance (pF) C220: 22pF (5)Packaging style T:Taping
(1)Series name (2)Dimensions Lx W (3)L type circuit
PACKAGING STYLE AND QUANTITIES
Packaging style Taping Quantity 4000 pieces/reel
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM/RECOMMENDED PC BORARD PATTERN (REFLOW)
0.12min. 2.00.1
Marking IN1 IN2 IN3 IN4
2.80 1.60
IN1 IN2 IN3 IN4 GND OUT1 OUT2 OUT3 OUT4 Ch1 Ch2 Ch3 Ch4
0.250.1
1.00.1
; ;;;;; ;;;;; ;
0.60 0.50 0.25
OUT1 OUT2 OUT3 OUT4
0.50.1 0.50.1 0.50.1 0.50.1
Dimensions in mm Weight: 5mg Dimensions in mm
0.250.1
0.15min.
ELECTRICAL CHARACTERISTICS
Part No. MEA2010LC040 MEA2010LC060 MEA2010LC080 MEA2010LC100 MEA2010LC150 MEA2010LC220 Rated voltage (V) 6.3 6.3 6.3 6.3 6.3 6.3 Rated current (mA) 100 100 100 100 100 100 Capacitance (pF) 4 6 8 10 15 22 Attenuation(dB)typ. [800MHz to 2GHz] 15 15 15 20 20 20
TYPICAL ELECTRICAL CHARACTERISTICS ATTENUATION vs. FREQUENCY CHARACTERISTICS
0 -10 Attenuation (dB) -20 -30 -40 -50 -60 -70 1 MEA2010LC040 MEA2010LC060 MEA2010LC080 MEA2010LC100 MEA2010LC150 MEA2010LC220 10 100 Frequency (MHz) 1000 10000
RECOMMENDED SOLDERING CONDITION REFLOW SOLDERING
10s max. 250 to 260C 230C Natural cooling
180C 150C Preheating 60 to 120s Time(s) Soldering 30 to 60s
* Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
* All specifications are subject to change without notice. 002-03 / 20061022 / e9621_mea2010_lc.fm
1.80
GND
GND
GND
0.25


▲Up To Search▲   

 
Price & Availability of MEA2010LC220T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X